Part Number Hot Search : 
AS17012 E200B THAT1420 4N29S IM03JR PND05A6 EL1004R B3150A
Product Description
Full Text Search
 

To Download 201P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINIATURE FUSES INIATURE FUSES
5x20mm / No. 201P
T.2, 250V, DIN 41571, T.2, 250V, M
Time-Current Characteristic
Medium Time Lag (M) DIN 41571, T.2 cURus
Specifications
Packaging
000: Bulk (1000 pcs.) 002: Bulk (20x10 pcs.) 043: With mounted holder - Tape/Reel (1250 pcs.) on request Tube: End Caps: Optional Holders: Glass Nickel-plated brass Nickel-plated caps Tin-plated copper wires
Standard
Approvals
Materials
Features
Visual fault indication Direct solderable or plug-in versions Worldwide availability
Temperature Operating Temperature Climatic Category Stock Conditions
Dimensions (mm)
-25C to +70C (consider de-rating) -25C/+70C/21 days (EN 60068-1..3) +10C to +60C relative humidity 75% yearly average, without dew, maximum value for 30 days-95% 24 cycles at 15 min. each (EN 60068-2-6) 10 - 60Hz at 0.75mm amplitude 60 - 2000Hz at 10g acceleration 260C, 3 sec. (Wave) 350C, 1 sec. (Hand) 260C, 10 sec. (IEC 68-2-20)
Vibration Resistance
Solderability
Optional Holders
Soldering Heat Resistance
"P" = leadfree Limits for Pre-arcing Time
Rated Current
32mA ... 1.25A
Marking
, M, Current Rating, 250V, C
Unit Weight 2.1 x IN 4 x IN
40ms ... 2s
1.5 x IN
> 1h
10 x IN
5ms ... 90ms
1.1g (approx.) 2.1g (with leads)
< 10 min
100% Permissible continuous operating current is 100% at ambient temperature of 23C (73.4F). Rated Amp Voltage Breaking Voltage Drop Power Dissipation Melting Integral Current Code Rating Capacity 1.0 x IN 1.5 x IN 10 x IN max. (mV) max. (W) min. (A2s)
63mA 80mA 100mA 125mA 160mA 200mA 250mA 315mA 400mA 500mA 630mA 800mA 1.00A 1.25A 0063 0080 0100 0125 0160 0200 0250 0315 0400 0500 0630 0800 1100 1125 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 600 540 500 440 400 340 320 300 230 210 190 170 160 160 0.1 0.2 0.2 0.2 0.2 0.3 0.3 0.3 0.4 0.4 0.5 0.6 0.7 0.8 0.011 0.017 0.022 0.033 0.085 0.12 0.13 0.16 0.28 0.35 0.6 1.1 2.0 3.2
Approvals cURus
* * * * * * * * * * * * * *
80A / 250VAC 50-60Hz cos = 1.0
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
Order Information
072106
Qty.
OrderNumber
Series 201P
Amp Code
Packaging
Specifications are subject to change without notice www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
INIATURE FUSES MINIATURE FUSES
5x20mm / No. 201
I-t Characteristics
(Min-Max Limit) DIN 41571, T.2 (32mA ... 1.25A)
Time (sec.)
00 0,0 10 ,00 10 0 0 1,0 0 10 0 10 1 0.1 1 0.0 01 0.0
1
1.5
2
3
4
5
6
7 8 9 10
15
I Fault / I Rated
Contact Littelfuse for individual I-t curves
072106
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 201P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X